Part Number Hot Search : 
0213630 1N4763AG TLWR8 00B0L EH680J03 1C102 680MCL LM239DG
Product Description
Full Text Search
 

To Download ZMD56W-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
ZMD56W-1
www.SunLED.com
3. 0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
PRELIMINARY SPEC Features
3.0mm x 1.0mm RIGHT ANGLE SMT LED, 2.5mm THICKNESS. LOW POWER CONSUMPTION. WIDE VIEWING ANGLE. IDEAL FOR BACK LIGHT AND INDICATOR. VARIOUS COLORS AND LENS TYPES AVAILABLE. PACKAGE : 2000PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 3. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.15(0.006") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MD (InGaAlP) 5 30 185 75 -40 ~ +85 C -40 ~ +85 Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength of Peak Emission (Typ.) (IF=20mA) Wavelength of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) Luminous Intensity (IF=20mA) mcd min. ZMD56W-1 Red InGaAlP Water Clear 110 typ. 248 640 30 VF VF IR MD (InGaAlP) 1.9 2.5 10 Unit V V uA
Unit V mA mA mW
P
640
nm
D
628
nm
27
nm
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Wavelength nm P
Viewing Angle 2 1/2
Published Date : FEB 25,2008
Drawing No : SDSA6244
V1
Checked : B.L.LIU
P.1/4
Part Number:
ZMD56W-1
www.SunLED.com
3. 0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
MD
Published Date : FEB 25,2008
Drawing No : SDSA6244
V1
Checked : B.L.LIU
P.2/4
Part Number:
ZMD56W-1
www.SunLED.com
3. 0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
Recommended Soldering Pattern (Units : mm; Tolerance: 0.1)
The device has a single mounting surface. The device must be mounted according to the specifications.
Tape Specification (Units : mm)
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity / luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters. Published Date : FEB 25,2008 Drawing No : SDSA6244 V1 Checked : B.L.LIU P.3/4
Part Number:
ZMD56W-1
www.SunLED.com
3. 0mmx1.0 mm RIGHT ANGLE SMD CHIP LED LAMP
PACKING & LABEL SPECIFICATIONS
ZMD56W-1
Published Date : FEB 25,2008
Drawing No : SDSA6244
V1
Checked : B.L.LIU
P.4/4


▲Up To Search▲   

 
Price & Availability of ZMD56W-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X